データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2861496 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 2861496
部品情報  IB IL 24 DO 2-NPN-PAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2861496 データシート(HTML) 2 Page - PHOENIX CONTACT

  2861496 Datasheet HTML 1Page - PHOENIX CONTACT 2861496 Datasheet HTML 2Page - PHOENIX CONTACT 2861496 Datasheet HTML 3Page - PHOENIX CONTACT 2861496 Datasheet HTML 4Page - PHOENIX CONTACT 2861496 Datasheet HTML 5Page - PHOENIX CONTACT 2861496 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IB IL 24 DO 2-NPN-PAC Order No.: 2861496
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2861496
PHOENIX CONTACT Deutschland GmbH
Page 2 / 6
http://www.phoenixcontact.de
Feb 8, 2011
Note on dimensions
Housing dimensions
Weight
42 g
Note on weight specifications
Without plug
Mounting type
DIN rail
Ambient temperature (operation)
-25 °C ... 55 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
10 % ... 95 % (according to DIN EN 61131-2)
Permissible humidity (storage/transport)
10 % ... 95 % (according to DIN EN 61131-2)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Test section
5 V supply incoming remote bus/7.5 V supply (bus logic) 500 V
AC 50 Hz 1 min
5 V supply outgoing remote bus/7.5 V supply (bus logic) 500 V
AC 50 Hz 1 min
7.5 V supply (bus logics)/24 V supply (I/O) 500 V AC 50 Hz 1 min
24 V supply (I/O) / functional earth ground 500 V AC 50 Hz 1 min
Diagnostics messages
Short-circuit / overload of the digital outputs Error message in the
diagnostic code (bus) and display (2 Hz) via the LED (D) on the
module
Interface
Name
Local bus
Type of connection
Inline data jumper
Transmission speed
500 kBaud
Power supply for module electronics
Supply voltage
24 V DC (via voltage jumper)
Supply voltage range
19.2 V DC ... 30 V DC (including all tolerances, including ripple)
Communications power UL
7.5 V (via voltage jumper)
Current consumption
max. 32 mA (from the local bus)
Inline potential routing
Communications power UL
7.5 V DC
Current consumption from UL
max. 32 mA
Main circuit supply UM
24 V DC
Segment supply voltage US
24 V DC (nominal value)
Current consumption from US
max. 1 A



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com