データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK889 データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 2SK889
部品情報  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK889 データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK889 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK889 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK889
·
FEATURES
·
With TO-220 packaging
·
Low switching loss
·
Ultra low gate charge
·
Easy to use
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operationz
·
APPLICATIONS
·
Switching applications
·
DC-DC converters
·
Uninterruptible power supply
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
100
V
VGSS
Gate-Source Voltage
±
20
V
ID
Drain Current-Continuous
27
A
IDM
Drain Current-Single Pulsed
170
A
PD
Total Dissipation
125
W
Tj
Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature
-55~150
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-c)
Channel-to-case thermal resistance
0.9
℃
/W
Rth(ch-a)
Channel-to-ambient thermal resistance
62.5
℃
/W


同様の部品番号 - 2SK889

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK880 TOSHIBA-2SK880 Datasheet
198Kb / 3P
M CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK880 TOSHIBA-2SK880 Datasheet
584Kb / 4P
Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
01-Nov-2007
2SK880 TOSHIBA-2SK880 Datasheet
300Kb / 4P
Audio Frequency Low Noise Amplifier Applications
01-Nov-2007
2SK880-GR TOSHIBA-2SK880-GR Datasheet
300Kb / 4P
Audio Frequency Low Noise Amplifier Applications
01-Nov-2007
2SK880 TOSHIBA-2SK880_07 Datasheet
584Kb / 4P
Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
01-Nov-2007
More results

同様の説明 - 2SK889

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com