| データシートサーチシステム |
|
HTOP01 データシート(PDF) 6 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
HTOP01 データシート(HTML) 6 Page - Honeywell Solid State Electronics Center |
|
6 / 6 page ![]() HTOP01 www.honeywell.com 6 PACKAGE INFORMATION 14 Lead Ceramic DIP Package APPLICATION NOTES 1. SUPPLY BY-PASS CAPACITANCE In order to minimize the effects of supply-coupled clock noise on amplifier output it is recommended that a supply by- pass capacitor with low equivalent series resistance be connected between VDD and VSS. 2. INPUT IMPEDANCE MATCHING At high temperature input currents into the HT0P01 will increase due primarily to leakage of the input ESD protection diodes. It is therefore helpful to minimize and/or balance input impedance to avoid voltage offsets from input current flowing in external connections. ORDERING INFORMATION (1) Notes (1.) Bare die deliverable is an option with the HTOP01. Contact factory for more information and availability. Find out more For more information on Honeywell’s High Temperature Electronics visit us online at www.honeywell.com/hightemp, or contact us at 800-323-8295 or 763-954-2474. Customer Service Email: ps.customer.support@honeywell.com. Honeywell reserves the right to make changes to improve reliability, function or design. Honeywell does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. Honeywell International Inc. 12001 Highway 55 Plymouth, MN 55441 Tel: 800-323-8295 www.honeywell.com Form #900334 October 2009 ©2009 Honeywell International Inc. H T OP 01 Source H = Honeywell Process T = Hi Temp SOI Number Part Type OP = Op Amp |