| データシートサーチシステム |
|
IXTP140N12T2 データシート(PDF) 1 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXTP140N12T2 データシート(HTML) 1 Page - IXYS Corporation |
|
1 / 6 page ![]() © 2017 IXYS CORPORATION, All Rights Reserved Symbol Test Conditions Maximum Ratings V DSS T J = 25 C to 175C 120 V V DGR T J = 25 C to 175C, R GS = 1M 120 V V GSS Continuous 20 V V GSM Transient 30 V I D25 T C = 25C 140 A I DM T C = 25C, Pulse Width Limited by TJM 350 A I A T C = 25C70 A E AS T C = 25C 1.3 J P D T C = 25C 577 W T J -55 ... +175 C T JM 175 C T stg -55 ... +175 C T L Maximum Lead Temperature for Soldering 300 °C T SOLD Plastic Body for 10s 260 °C M d Mounting Torque (TO-220) 1.13 / 10 Nm/lb.in. Weight TO-263 2.5 g TO-220 3.0 g Symbol Test Conditions Characteristic Values (T J = 25C Unless Otherwise Specified) Min. Typ. Max. BV DSS V GS = 0V, ID = 250A 120 V V GS(th) V DS = VGS, ID = 250A 2.5 4.5 V I GSS V GS = 20V, VDS = 0V 200 nA I DSS V DS = VDSS, VGS = 0V 10 A T J = 150C 500 A R DS(on) V GS = 10V, ID = 0.5 • ID25, Notes 1, 2 8 10 m TrenchT2TM Power MOSFET N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier IXTA140N12T2 IXTP140N12T2 V DSS = 120V I D25 = 140A R DS(on) 10m DS100829A(5/17) Features International Standard Packages 175°C Operating Temperature Avalanche Rated Low R DS(on) Fast Intrinsic Rectifier High Current Handling Capability Advantages Easy to Mount Space Savings High Power Density Applications Synchronous Rectification DC/DC Converters and Off-Line UPS Primary- Side Switch High Current Switching Applications G = Gate D = Drain S = Source Tab = Drain TO-263AA (IXTA) G D S TO-220AB (IXTP) D (Tab) G S D (Tab) Advance Technical Information |
同様の部品番号 - IXTP140N12T2 |
|
同様の説明 - IXTP140N12T2 |