データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCX162244MTD.. データシート(PDF) 4 Page - ON Semiconductor

部品番号 74VCX162244MTD..
部品情報  Low Voltage 16-Bit Buffer/Line Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX162244MTD.. データシート(HTML) 4 Page - ON Semiconductor

  74VCX162244MTD.. Datasheet HTML 1Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 2Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 3Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 4Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 5Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 6Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 7Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 8Page - ON Semiconductor 74VCX162244MTD.. Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
www.fairchildsemi.com
Functional Description
The 74VCX162244 contains sixteen non-inverting buffers
with 3-STATE outputs. The device is nibble (4 bits) con-
trolled with each nibble functioning identically, but indepen-
dent of each other. The control pins may be shorted
together to obtain full 16-bit operation.The 3-STATE out-
puts are controlled by an Output Enable (OEn) input. When
OEn is LOW, the outputs are in the 2-state mode. When
OEn is HIGH, the standard outputs are in the high imped-
ance mode but this does not interfere with entering new
data into the inputs.
Logic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12