| データシートサーチシステム |
|
V385GLFT データシート(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
V385GLFT データシート(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 9 page ![]() 8-BIT LVDS TRANSMITTER FOR VIDEO V385 V385 Datasheet 9 3/30/05 Revision 1.6 Integrated Circuit Systems • 525 Race St reet, San Jose, CA 95 126 • tel (408) 297-1201 • w w w. icst.com Ordering Information Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature Notes V385AG V385AG Tubes 56-pin TSSOP 0 to +70 ° C V385AGT V385AG Tape and Reel 56-pin TSSOP 0 to +70 ° C V385AGLF V385AGLF Tubes 56-pin TSSOP 0 to +70 ° C V385AGLFT V385AGLF Tape and Reel 56-pin TSSOP 0 to +70 ° C V385GLF V385GLF Tubes 56-pin TSSOP 0 to +70 ° C Replaced by V385AGLF V385GLFT V385GLF Tape and Reel 56-pin TSSOP 0 to +70 ° C Replaced by V385AGLFT |