データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC283DB データシート(PDF) 13 Page - NXP Semiconductors

部品番号 74HC283DB
部品情報  4-bit binary full adder with fast carry
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC283DB データシート(HTML) 13 Page - NXP Semiconductors

Back Button 74HC283DB Datasheet HTML 9Page - NXP Semiconductors 74HC283DB Datasheet HTML 10Page - NXP Semiconductors 74HC283DB Datasheet HTML 11Page - NXP Semiconductors 74HC283DB Datasheet HTML 12Page - NXP Semiconductors 74HC283DB Datasheet HTML 13Page - NXP Semiconductors 74HC283DB Datasheet HTML 14Page - NXP Semiconductors 74HC283DB Datasheet HTML 15Page - NXP Semiconductors 74HC283DB Datasheet HTML 16Page - NXP Semiconductors 74HC283DB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
9397 750 13811
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 November 2004
13 of 20
Philips Semiconductors
74HC283
4-bit binary full adder with fast carry
the second stage on S3. As long as A3 and B3 are the same, HIGH or LOW, they do not
influence S3. Similarly, when A3 and B3 are the same, the carry into the third stage does
not influence the carry out of the third stage.
Figure 10 shows a method of implementing a 5-input encoder, where the inputs are
equally weighted. The outputs S1, S2 and S3 produce a binary number equal to the
number inputs (I1 to I5) that are HIGH.
Figure 11 shows a method of implementing a 5-input majority gate. When three or more
inputs (I1 to I5) are HIGH, the output M5 is HIGH.
Fig 8.
3-bit adder
Fig 9.
2-bit and 1-bit adder
Fig 10. 5-input encoder
Fig 11. 5-input majority gate
001aab900
S4
S3
S2
S1
C3
L
B4
A4
B3
COUT
CIN
A3
B2
A2
B1
A1
001aab901
S4
S3
S2
S1
S1
S2
C2
S10
C1
CIN
B4
A4
B3
COUT
CIN
C10
A3
A10
B2
A2
A2
B1
B1
B2
A1
A1
B10
001aab902
S4
S3
S2
S1
B4
A4
B3
COUT
CIN
I3
A3
I4
B2
A2
L
B1
I2
A1
I1
I5
001aab903
S4
S3
S2
S1
B4
A4
B3
COUT
CIN
I3
A3
I4
M5
B2
A2
B1
I2
A1
I1
I5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20