| データシートサーチシステム |
|
AM29SL400CB110WAD データシート(PDF) 3 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29SL400CB110WAD データシート(HTML) 3 Page - SPANSION |
|
3 / 44 page ![]() ADVANCE INFORMATION This document contains information on a product under development at Advanced Micro Devices. The information is in- tended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed product without notice. Publication# Am29SL400C Rev: A Amendment+5 Refer to AMD’s Website (www.amd.com) for the latest information. Am29SL400C 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory Distinctive Characteristics ■ Single power supply operation — 1.65 to 2.2 V for read, program, and erase operations — Ideal for battery-powered applications ■ Manufactured on 0.32 µm process technology ■ High performance — Access times as fast as 100 ns ■ Ultra low power consumption (typical values at 5 MHz) — 1 µA Automatic Sleep Mode current — 1 µA standby mode current — 5 mA read current — 20 mA program/erase current ■ Flexible sector architecture — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and seven 64 Kbyte sectors (byte mode) — One 8 Kword, two 4 Kword, one 16 Kword, and seven 32 Kword sectors (word mode) — Supports full chip erase — Sector Protection features: A hardware method of locking a sector to prevent any program or erase operations within that sector Sectors can be locked in-system or via programming equipment Temporary Sector Unprotect feature allows code changes in previously locked sectors ■ Unlock Bypass Program Command — Reduces overall programming time when issuing multiple program command sequences ■ Top or bottom boot block configurations available ■ Embedded Algorithms — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors — Embedded Program algorithm automatically writes and verifies data at specified addresses ■ Minimum 1,000,000 erase cycle guarantee per sector ■ 20-year data retention at 125°C ■ Package option —48-ball FBGA —48-pin TSOP ■ Compatibility with JEDEC standards — Pinout and software compatible with single-power supply Flash — Superior inadvertent write protection ■ Data# Polling and toggle bits — Provides a software method of detecting program or erase operation completion ■ Ready/Busy# pin (RY/BY#) — Provides a hardware method of detecting program or erase cycle completion ■ Erase Suspend/Erase Resume — Suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation ■ Hardware reset pin (RESET#) — Hardware method to reset the device to reading array data |