データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29SL400CB100RWAF データシート(PDF) 8 Page - SPANSION

部品番号 AM29SL400CB100RWAF
部品情報  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CB100RWAF データシート(HTML) 8 Page - SPANSION

Back Button AM29SL400CB100RWAF Datasheet HTML 4Page - SPANSION AM29SL400CB100RWAF Datasheet HTML 5Page - SPANSION AM29SL400CB100RWAF Datasheet HTML 6Page - SPANSION AM29SL400CB100RWAF Datasheet HTML 7Page - SPANSION AM29SL400CB100RWAF Datasheet HTML 8Page - SPANSION AM29SL400CB100RWAF Datasheet HTML 9Page - SPANSION AM29SL400CB100RWAF Datasheet HTML 10Page - SPANSION AM29SL400CB100RWAF Datasheet HTML 11Page - SPANSION AM29SL400CB100RWAF Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
6
March 3, 2005
Ad vance
Inform ati o n
Connection Diagram
Special Handling Instructions for FBGA
Packages
Special handling is required for Flash Memory prod-
ucts in molded packages (TSOP, BGA, PLCC, PDIP,
SSOP). The package and/or data integrity may be
compromised if the package body is exposed to tem-
peratures about 150
°C for prolonged periods of time.
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
NC
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
NC
NC
NC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Ball FBGA
(Top View, Balls Facing Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44