| データシートサーチシステム |
|
CM312 データシート(PDF) 25 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CM312 データシート(HTML) 25 Page - List of Unclassifed Manufacturers |
|
25 / 56 page ![]() CM312 Quad Serial utilityModule 15 RTD Embedded Technologies, Inc. RS232 Serial Port (Default) The full-duplex RS232 mode is the default setting on the utilityModule. With this mode enabled, connector CN3 must be connected to RS232 compatible devices. The following table gives the connector pinout and shows how to connect to an external serial connector, either DB25 or DB9 compatible. Connector CN3 in RS-232 Mode Table 7 Connector CN3 in RS-232 Mode CN3 Pin Signal Function In/out DB25 DB9 1 DCD Data Carrier Detect In 8 1 2 DSR Data Set Ready In 6 6 3 RXD Receive Data In 3 2 4 RTS Request To Send Out 4 7 5 TXD Transmit Data Out 2 3 6 CTS Clear To Send In 5 8 7 DTR Data Terminal Ready Out 20 4 8 RI Ring Indicate In 22 9 9,10 GND Signal Ground -- 7 5 Facing the connector pins, the pinout is pictured in the following, Table 8 Connector CN3 pin location in RS-232 Mode 9 7 5 3 1 GND DTR TXD RXD DCD GND RI CTS RTS DSR 10 8 6 4 2 |