データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V680-HS52-R-2M データシート(PDF) 20 Page - Omron Electronics LLC

部品番号 V680-HS52-R-2M
部品情報  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS52-R-2M データシート(HTML) 20 Page - Omron Electronics LLC

Back Button V680-HS52-R-2M Datasheet HTML 16Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 17Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 18Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 19Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 20Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 21Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 22Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 23Page - Omron Electronics LLC V680-HS52-R-2M Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
V680 Series
20
Note: When mounting the V680-HS65, be sure to attach the Mounting Brackets at the base of the Antenna.
The enclosed Mounting Brackets do not need to be used, however, if the mounting brackets on the Antenna are metal plates and their
dimensions are larger than the dimensions of the Antenna (100 × 100 mm).
For details, refer to the User’s Manual (Cat. No. Z248 or Z262).
* The Antenna can be mounted in metal, but the communications distance will decrease compared to mounting in nonmetal.
Confirm performance using the actual devices before actual operation.
Recommended combination
Function
Communication
range
(unit: mm)
RF Tag and Antenna mounting conditions
RF Tag
Antenna
V680S-D2KF68
V680-HS63
Read
distance
0 to 45.0
(axis offset ±10)
Write
distance
0 to 45.0
(axis offset ±10)
V680-HS65
Read
distance
0 to 75.0
(axis offset ±10)
Write
distance
0 to 75.0
(axis offset ±10)
V680-H01-V2
Read
distance
0 to 150.0
(axis offset ±10)
Write
distance
0 to 150.0
(axis offset ±10)
V680S-D2KF68M
V680-HS63
Read
distance
0 to 35.0
(axis offset ±10)
Write
distance
0 to 35.0
(axis offset ±10)
V680-HS65
Read
distance
0 to 55.0
(axis offset ±10)
Write
distance
0 to 55.0
(axis offset ±10)
V680-D2KF52M
V680-HS51
Read
distance
0.5 to 5.5
(axis offset ±2)
Write
distance
0.5 to 5.5
(axis offset ±2)
V680-HS52
Read
distance
0 to 8.0
(axis offset ±2)
Write
distance
0 to 8.0
(axis offset ±2)
V680-HS63
Read
distance
0 to 9.5
(axis offset ±2)
Write
distance
0 to 9.5
(axis offset ±2)
V680-D2KF52M
(embedded in metallic
surface: steel)
V680-HS51
Read
distance
0 to 3.5
(axis offset ±2)
Write
distance
0 to 3.5
(axis offset ±2)
V680-HS52
Read
distance
0 to 3.0
(axis offset ±2)
Write
distance
0 to 3.0
(axis offset ±2)
Non-metallic
Non-metallic
V680-HS63
V680S-
D2KF68
Resin,
plastic,
wood, etc.
Resin,
plastic,
wood, etc.
V680-HS65
V680S-
D2KF68
Non-metallic
Resin,
plastic,
wood, etc.
Metallic
V680-H01-V2
V680S-
D2KF68
Non-metallic
Resin,
plastic,
wood, etc.
Non-metallic
V680-HS63
V680S-
D2KF68M
Non-metallic
Resin,
plastic,
wood, etc.
Metallic
V680-HS65
V680S-
D2KF68M
Metallic
Metallic
V680-D2KF52M
V680-HS51
Metallic
Non-metallic
Resin,
plastic,
wood, etc.
V680-D2KF52M
V680-HS52
Non-metallic
Non-metallic
Resin,
plastic,
wood, etc.
*
Non-metallic
V680-HS63
V680-
D2KF52M
Non-metallic
Resin,
plastic,
wood, etc.
*
V680-D2KF52M
V680-HS51
Metallic
Metallic
V680-D2KF52M
V680-HS52
Metallic
Non-metallic
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59