| データシートサーチシステム |
|
V680-HS63-R-2M データシート(PDF) 34 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS63-R-2M データシート(HTML) 34 Page - Omron Electronics LLC |
|
34 / 59 page ![]() V680 Series 34 V680-H01-V2 (with Non-Metal on Back Surface) & V680S-DKF68 (Tag direction: Horizontal) V680-H01-V2 (with Non-Metal on Back Surface) & V680S-DKF68 (Tag direction: Vertical) V680-HS63 (with Metal on Back Surface) & V680S-DKF68 (Metal on back: Steel) (Tag direction: Horizontal) V680-HS63 (with Metal on Back Surface) & V680S-DKF68 (Metal on back: Steel) (Tag direction: Vertical) V680-HS65 (with Metal on Back Surface) & V680S-DKF68 (Metal on back: Steel) (Tag direction: Horizontal) V680-HS65 (with Metal on Back Surface) & V680S-DKF68 (Metal on back: Steel) (Tag direction: Vertical) V680-HS52 (embedded in non-metallic material) & V680-D2KF52M (embedded in non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D2KF52M (embedded in metallic surface: steel) V680-HS51 (embedded in metallic material) & V680-D2KF52M (embedded in non-metallic material) V680-HS51 (embedded in metallic material) & V680-D2KF52M (embedded in metallic surface: steel) –300 –200 –150 –100 –50 0 50 100 150 200 X 250 –250 50 100 150 200 250 Y Y X Read Write 50 100 150 200 250 Y Y X –300 –200 –150 –100 –50 0 50 100 150 200 X 250 –250 Read Write 40 60 80 20 100 Y Y X 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 40 60 80 20 100 Y Y X 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 50 100 150 200 Y –250 –200 –150 –100 –50 0 50 100 150 200 X Y X Read Write 50 100 150 200 Y Y X –250 –200 –150 –100 –50 0 50 100 150 200 X Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y X Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y |