| データシートサーチシステム |
|
V680-HS63-R-12.5M データシート(PDF) 49 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS63-R-12.5M データシート(HTML) 49 Page - Omron Electronics LLC |
|
49 / 59 page ![]() 49 V680 Series Communications with Host (V680-HAM91/-HAM81) The I/O status may be unstable when the ID Controller is started. After turning ON the power supply to the ID Controller, allow at least 1 second to elapse before performing control. Storage Store the product at a location where: • It is not exposed to corrosive gases, dust, metal chips, or salt. • The ambient storage temperature is within the range stipulated in the specifications. • There are no sudden variations in temperature (no condensation). • The ambient storage humidity is within the range stipulated in the specifications. • No vibration or shock exceeding the values stipulated in the specifications is transmitted directly to the body of the product. • It is not subject to splashing water, oil, or chemical substances. Cleaning Thinners, benzine, acetone, and kerosine may have adverse effects on resin parts and the case coating. Check the resistance to chemicals in the user’s manual and do not use chemicals that may affect the product. |