| データシートサーチシステム |
|
ACE24AC16B データシート(PDF) 3 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE24AC16B データシート(HTML) 3 Page - ACE Technology Co., LTD. |
|
3 / 18 page ![]() ACE24AC16B Two-wire Serial EEPROM VER 1.1 3 Block Diagram Pin Description (A) SERIAL CLOCK (SCL) The rising edge of this SCL input is to latch data into the EEPROM device while the falling edge of this clock is to clock data out of the EEPROM device. (B) SERIAL DATA LINE (SDA) SDA data line is a bi-directional signal for the serial devices. It is an open drain output signal and can be wired- OR with other open-drain output devices. (C) WRITE PROTECT (WP) The ACE24AC16B devices have a WP pin to protect the whole EEPROM array from programming. Programming operations are allowed if WP pin is left un-connected or input to VIL. Conversely all programming functions are disabled if WP pin is connected to VIH or VCC. Read operations is not affected by the WP pin’s input level. Memory Organization The ACE24AC16B devices have 128 pages. Since each page has 16 bytes, random word addressing to ACE24AC16B will require 11 bits data word addresses. |