データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V680-HS65-R-12.5M データシート(PDF) 24 Page - Omron Electronics LLC

部品番号 V680-HS65-R-12.5M
部品情報  RFID Systems with ISO/IEC 18000-3(15693) Compliance
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-HS65-R-12.5M データシート(HTML) 24 Page - Omron Electronics LLC

Back Button V680-HS65-R-12.5M Datasheet HTML 20Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 21Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 22Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 23Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 24Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 25Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 26Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 27Page - Omron Electronics LLC V680-HS65-R-12.5M Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
V680 Series
24
DeviceNet ID Slave (V680-HAM42-DRT)
PROFIBUS ID Slave (V680-HAM42-PRT)
ID Flag Sensors (V680-HAM91/-HAM81)
RF Tag (1-kbyte Memory) Communication
Recommended combination
Function
Communication
range
(unit: mm)
RF Tag and Antenna mounting conditions
RF Tag
Antenna
V680-D1KP52MT
V680-HS51
Read
distance
0.5 to 6.5
(axis offset ±2)
Write
distance
0.5 to 6.0
(axis offset ±2)
V680-HS52
Read
distance
0.5 to 9.0
(axis offset ±2)
Write
distance
0.5 to 8.5
(axis offset ±2)
V680-HS63
Read
distance
0.5 to 12.0
(axis offset ±2)
Write
distance
0.5 to 9.5
(axis offset ±2)
V680-D1KP52MT
(embedded in metallic
surface: steel)
V680-HS51
Read
distance
0.5 to 3.5
(axis offset ±2)
Write
distance
0.5 to 3.0
(axis offset ±2)
V680-HS52
Read
distance
0.5 to 4.5
(axis offset ±2)
Write
distance
0.5 to 4.0
(axis offset ±2)
V680-D1KP53M
V680-HS51
Read
distance
0.5 to 6.5
(axis offset ±2)
Write
distance
0.5 to 6.0
(axis offset ±2)
V680-HS52
Read
distance
0.5 to 9.0
(axis offset ±2)
Write
distance
0.5 to 8.5
(axis offset ±2)
V680-D1KP53M
(embedded in metallic
surface : steel)
V680-HS51
Read
distance
0.5 to 3.5
(axis offset ±2)
Write
distance
0.5 to 3.0
(axis offset ±2)
V680-HS52
Read
distance
0.5 to 4.5
(axis offset ±2)
Write
distance
0.5 to 4.0
(axis offset ±2)
V680-D1KP52MT
V680-HS51
Metallic
Non-metallic
Resin,
plastic,
wood, etc.
V680-D1KP52MT
V680-HS52
Non-metallic
Non-metallic
Resin,
plastic,
wood, etc.
*2
Non-metallic
V680-HS63
V680-
D1KP52MT
Non-metallic
Resin,
plastic,
wood, etc.
*2
Metallic
V680-D1KP52MT
Metallic
V680-HS51
Non-metallic
V680-D1KP52MT
Metallic
V680-HS52
*2
V680-HS51
V680-D1KP53M
Non-metallic
(Resin, plastic, wood, etc.)
Metallic
V680-HS52
V680-D1KP53M
Non-metallic
(Resin, plastic, wood, etc.)
Non-metallic
V680-HS51
V680-D1KP53M
Metallic
Metallic
V680-HS52
V680-D1KP53M
Non-metallic
Metallic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59