データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACE25QC320G データシート(PDF) 4 Page - ACE Technology Co., LTD.

部品番号 ACE25QC320G
部品情報  32M BIT SPI NOR FLASH
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACE [ACE Technology Co., LTD.]
ホームページ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC320G データシート(HTML) 4 Page - ACE Technology Co., LTD.

  ACE25QC320G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC320G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
ACE25QC320G
32M BIT SPI NOR FLASH
VER 1.2
4
Serial Input (SI)/IO0
This input signal is used to transfer data serially into the device. It receives instructions, addresses, and
data to be programmed. Values are latched on the rising edge of serial SCK clock signal.
SI becomes IO0 an input and output during Dual and Quad Instructions for receiving instructions,
addresses, and data to be programmed (values latched on rising edge of serial SCK clock signal) as well
as shifting out data (on the falling edge of SCK).
Serial Data Output (SO)/IO1
This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of
the serial SCK clock signal.
SO becomes IO1 an input and output during Dual and Quad Instructions for receiving instructions,
addresses, and data to be programmed (values latched on rising edge of serial SCK clock signal) as well
as shifting out data (on the falling edge of SCK).
Write Protect (/WP)/IO2
When /WP is driven Low (VIL), while the Status Register Protect bits (SRP1 and SRP0) of the Status
Registers (SR2[0] and SR1[7]) are set to 0 and 1 respectively, it is not possible to write to the Status
Registers. This prevents any alteration of the Status Registers. As a consequence, all the data bytes in the
memory area that are protected by the Block Protect, TB, SEC, and CMP bits in the status registers, are
also hardware protected against data modification while /WP remains Low. The /WP function is not
available when the Quad mode is enabled (QE) in Status Register 2 (SR2[1]=1).
The /WP function is replaced by IO2 for input and output during Quad mode for receiving addresses, and
data to be programmed (values are latched on rising edge of the SCK signal) as well as shifting out data
(on the falling edge of SCK). /WP has an internal pull-up resistance; when unconnected; /WP is at VIH and
may be left unconnected in the host system if not used for Quad mode.
HOLD (/HOLD)/IO3
The /HOLD function is only available when QE=0, If QE=1, The /HOLD function is disabled, the pin acts as
dedicated data I/O pin
The /HOLD signal goes low to stop any serial communications with the device, but doesn’t stop the
operation of write status register, programming, or erasing in progress.
The operation of HOLD, need /CS keep low, and starts on falling edge of the /HOLD signal, with SCLK
signal being low (if SCLK is not being low, HOLD operation will not start until SCLK being low). The HOLD
condition ends on rising edge of /HOLD signal with SCLK being low (If SCLK is not being low, HOLD
operation will not end until SCLK being low).
The Hold condition starts on the falling edge of the Hold (/HOLD) signal, provided that this coincides with
SCK being at the logic low state. If the falling edge does not coincide with the SCK signal being at the logic
low state, the Hold condition starts whenever the SCK signal reaches the logic low state. Taking the /HOLD
signal to the logic low state does not terminate any Write, Program or Erase operation that is currently in
progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com