データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP3783 データシート(PDF) 5 Page - Diodes Incorporated

部品番号 AP3783
部品情報  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783 データシート(HTML) 5 Page - Diodes Incorporated

  AP3783 Datasheet HTML 1Page - Diodes Incorporated AP3783 Datasheet HTML 2Page - Diodes Incorporated AP3783 Datasheet HTML 3Page - Diodes Incorporated AP3783 Datasheet HTML 4Page - Diodes Incorporated AP3783 Datasheet HTML 5Page - Diodes Incorporated AP3783 Datasheet HTML 6Page - Diodes Incorporated AP3783 Datasheet HTML 7Page - Diodes Incorporated AP3783 Datasheet HTML 8Page - Diodes Incorporated AP3783 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AP3783
Document number: DS37429 Rev. 8 - 2
5 of 17
www.diodes.com
December 2017
© Diodes Incorporated
AP3783
Electrical Characteristics (Cont.) (@VCC = 15V, TA = +25°C, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
OPERATING FREQUENCY SECTION
fS(MAX)
The Maximum Operating Frequency
IO(MAX) (Note 5)
60
kHz
tOFF(MAX)
Maximum Off Time
691
768
845
μs
tSAMPLE_H
Sample Time
57% to 100% IO(MAX)
5.2
5.8
6.4
μs
tSAMPLE_M
34% to 57% IO(MAX)
(Note 6)
4.3
4.8
5.3
μs
tSAMPLE_L
5.5% to 34% IO(MAX)
(Note 6)
2.7
3
3.3
μs
tSAMPLE_D
0% to 5.5% IO(MAX)
(Note 6)
1.5
1.7
1.9
μs
FREQUENCY JITTER SECTION
ΔVCS/VCS
VCS Modulation
5.5% load to 100% IO(MAX)
4.5
5
5.5
%
fMOD
VCS Modulation Frequency
5.5% load to 100% IO(MAX)
3.6
4
4.4
kHz
CURRENT SENSE SECTION
VCS_H
Peak Current Sense Threshold Voltage
57% to 100% IO(MAX)
828
900
972
mV
VCS_M
As Above
34% to 57% IO(MAX)
(Note 6)
690
750
810
mV
VCS_L
As Above
5.5% to 34% IO(MAX)
(Note 6)
414
450
486
mV
VCS_D
As Above
0% to 5.5% IO(MAX)
(Note 6)
230
250
270
mV
RLINE
Built-in Line Compensation Resistor
(Note 7)
245
260
275
tLEB
Leading Edge Blanking
VCS (Note 6)
495
550
605
ns
CONSTANT VOLTAGE SECTION
VFB
Feedback Voltage
Closed loop test of VOUT
3.95
4.01
4.07
V
RFB
FB Pin Input Resistance
VFB=4V
560
700
840
kΩ
VCABLE
/VOUT%
Cable Compensation Ratio
AP3783A
6
7
8
%
AP3783B
3
4
5
%
AP3783C
10
12
14
%
CONSTANT CURRENT SECTION
tONS/tSW
Secondary Winding Conduction Duty
VFB = 3.5V
0.47
0.5
0.53
VALLEY-ON SECTION
tVAL-ON
Valid Off Time of Valley-on
From the end of tONS
14.4
16
17.6
μs
DYNAMIC SECTION
VUV_H
Under Voltage of FB Pin for VCS_H
3.61
3.68
3.75
V
PROTECTION FUNCTION SECTION
VFB(OVP)
Over Voltage Protection at FB Pin
7.1
7.5
7.9
V
VCC(OVP)
Over Voltage Protection at VCC Pin
28
30
32
V
tONP(MAX)
Maximum Turn-on Time
13.5
16
25
μs
VFB(SCP)
Short Circuit Protection
VFB @ Hiccup
2.45
2.6
2.75
V
tSCP
Maximum Time under VFB(SCP)
115
128
141
ms
TOTP
Shutdown Temperature
+144
+160
+176
°C
THYS
Temperature Hysteresis
+36
+40
+44
°C
Notes:
5. The output constant-current design value, generally set to 110% to 120% of full load.
6. Guaranteed by Design.
7. Line compensation voltage on CS reference:
AUX
LINE
1
FB
LINE
REF
_
CS
V
R
R
R
438
.
0
V
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com