データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4624 データシート(PDF) 5 Page - Cirrus Logic

部品番号 CS4624
部品情報  CrystalClearTM SoundFusionTM PCI Audio Accelerator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4624 データシート(HTML) 5 Page - Cirrus Logic

  CS4624 Datasheet HTML 1Page - Cirrus Logic CS4624 Datasheet HTML 2Page - Cirrus Logic CS4624 Datasheet HTML 3Page - Cirrus Logic CS4624 Datasheet HTML 4Page - Cirrus Logic CS4624 Datasheet HTML 5Page - Cirrus Logic CS4624 Datasheet HTML 6Page - Cirrus Logic CS4624 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4
PI293PP1 JUL ‘98
CS4622/24
Ordering Information
technology to Dolby certified customers. A Dolby System License certi-
fication can be obtained by faxing a written request to Dolby Licensing
Corporation, at (415) 863-1373. This request should include a description
of the intended application and should be marked "Request for Dolby
License Application".
3)
How are these devices different than the other Crystal PCI audio products
(CS4280 and CS4614)?
A:
The CS4280 does not offer DSP acceleration for wavetable synthesis and
3D sound, using the host processor instead. The CS4614 offers DSP pro-
cessing, but not digital I/O (SPDIF) or ZVPort support.
4)
Which markets would the CS4622 and CS4624 serve?
A:
Manufacturers of PC motherboards, portables, and PCI audio cards
would use the CS4622 and CS4624, where the performance advantages
of DSP processing are desired along with the digital input/output to con-
nect to high-end audio devices . The DSP processor is used for hardware
wavetable synthesis and 3D audio acceleration for the games/multimedia
market, and acoustic echo cancellation for speakerphone/ videoconfer-
encing in the commercial market.
Ordering Information
CS4622-CQ
128-pin TQFP
20x14x1.60 mm
CS4624-CQ
128-pin TQFP
20x14x1.60 mm
If you have any questions, please contact the undersigned by phone or by
email. Also, visit our website
“www.cirrus.com” or call our litera-
ture department (800) 888-5016 ext.
3594 or (512) 912-3594 for data
sheets and application notes.
4622-4pi.fm Page 4 Tuesday, July 7, 1998 1:21 PM



Html Pages

1 2 3 4 5 6 7