| データシートサーチシステム |
|
UL96AG-S08-R データシート(PDF) 7 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UL96AG-S08-R データシート(HTML) 7 Page - Unisonic Technologies |
|
7 / 7 page ![]() UL96A Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 7 of 7 www.unisonic.com.tw QW-R103-154.b TYPICAL APPLICATION CIRCUIT BOM Reference Component R1 750K, 1206 R2 3Ω, 1206 C1 2.2uF,400V C2 1uF / 50V, 0805 CIN 6.8μF, 400V D1 ~ D4 1N4007 D5 ES1J, SMA L0 4.7mH U1 UL96A UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. |