| データシートサーチシステム |
|
DS2109 データシート(PDF) 2 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2109 データシート(HTML) 2 Page - Dallas Semiconductor |
|
2 / 10 page ![]() DS2109 022698 2/10 REFERENCE DOCUMENTS SCSI–2 (X3.131–1994) SCSI–3 Parallel Interface (X3T10/855D) Available from: Global Engineering Documents 15 Inverness Way East Englewood, CO 80112–5704 Phone: (800) 854–7179,(303) 792–2181 Fax: (303) 792–2192 PnP SCSI Specification PnP ISA Specification PnP BIOS Specification PnP Option ROM Specification Available from: Plug and Play forum on CompuServe (Go plugplay). FUNCTIONAL DESCRIPTION The DS2109 is designed to be a single chip termination subsystem for use in PnP SCSI systems, Figure 1. When embedded on a host bus adapter or mother- board, the DS2109 can automatically sense the ter- mination status of the SCSI bus and attach or isolate its resistors as needed to maintain proper bus termination. External and internal active termination can be provided by the DS21S07A. DS2109 APPLICATION ENVIRONMENT Figure 1 PERIPHERAL SUBSYSTEM EXTERNAL TERMINATOR (TWO DS21S07A) DS2109 AUTOMATIC EXIT–POINT TERMINATOR HOST SCSI PROTOCOL CHIP SCSI PERIPHERAL DEVICES INTERNAL TERMINATOR (TWO DS21S07A) SCSI INTERNAL CABLES SCSI EXTERNAL CABLE 50–POSITION HIGH DENSITY CONNECTORS |