| データシートサーチシステム |
|
AM6546 データシート(PDF) 69 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6546 データシート(HTML) 69 Page - Texas Instruments |
|
69 / 299 page ![]() 69 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-22. EQEP1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EQEP1_A EQEP Quadrature Input A I AH22 EQEP1_B EQEP Quadrature Input B I AE21 EQEP1_I EQEP Index IO AC20 EQEP1_S EQEP Strobe IO AC22 Table 4-23. EQEP2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] EQEP2_A EQEP Quadrature Input A I D25 EQEP2_B EQEP Quadrature Input B I B26 EQEP2_I EQEP Index IO A24 EQEP2_S EQEP Strobe IO E24 4.3.10 GPIO 4.3.10.1 MAIN Domain Table 4-24. GPIO0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO0_0 General Purpose Input/Output IO M27 GPIO0_1 General Purpose Input/Output IO M23 GPIO0_2 General Purpose Input/Output IO M28 GPIO0_3 General Purpose Input/Output IO M24 GPIO0_4 General Purpose Input/Output IO N24 GPIO0_5 General Purpose Input/Output IO N27 GPIO0_6 General Purpose Input/Output IO N28 GPIO0_7 General Purpose Input/Output IO M25 GPIO0_8 General Purpose Input/Output IO N23 GPIO0_9 General Purpose Input/Output IO M26 GPIO0_10 General Purpose Input/Output IO P28 GPIO0_11 General Purpose Input/Output IO P27 GPIO0_12 General Purpose Input/Output IO N26 GPIO0_13 General Purpose Input/Output IO N25 GPIO0_14 General Purpose Input/Output IO P24 GPIO0_15 General Purpose Input/Output IO R27 GPIO0_16 General Purpose Input/Output IO R28 GPIO0_17 General Purpose Input/Output IO P25 GPIO0_18 General Purpose Input/Output IO P26 GPIO0_19 General Purpose Input/Output IO U28 GPIO0_20 General Purpose Input/Output IO T28 GPIO0_21 General Purpose Input/Output IO P23 GPIO0_22 General Purpose Input/Output IO R26 GPIO0_23 General Purpose Input/Output IO R23 GPIO0_24 General Purpose Input/Output IO T25 GPIO0_25 General Purpose Input/Output IO T24 GPIO0_26 General Purpose Input/Output IO R24 |