データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMIF010-COM01F2 データシート(PDF) 6 Page - STMicroelectronics

部品番号 EMIF010-COM01F2
部品情報  EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF010-COM01F2 データシート(HTML) 6 Page - STMicroelectronics

  EMIF010-COM01F2 Datasheet HTML 1Page - STMicroelectronics EMIF010-COM01F2 Datasheet HTML 2Page - STMicroelectronics EMIF010-COM01F2 Datasheet HTML 3Page - STMicroelectronics EMIF010-COM01F2 Datasheet HTML 4Page - STMicroelectronics EMIF010-COM01F2 Datasheet HTML 5Page - STMicroelectronics EMIF010-COM01F2 Datasheet HTML 6Page - STMicroelectronics EMIF010-COM01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EMIF10-COM01F2
6/7
Figure 14: FLIP-CHIP Tape and Reel Specification
Dot identifying Pin A1 location
User direction of unreeling
All dimensions in mm
4 +/- 0.1
4 +/- 0.1
Ø 1.5 +/- 0.1
0.73 +/- 0.05
Table 4: Ordering Information
Note: More informations are available in the application notes:
AN1235: “Flip-Chip: Package description and recommendations for use”
AN1751: "EMI Filters: Recommendations and measurements"
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
EMIF10-COM01F2
FE
Flip-Chip
8.3 mg
5000
Tape & reel
Table 5: Revision History
Date
Revision
Description of Changes
14-Dec-2004
1
First issue.
12-Apr-2005
2
Die clearance reduction.



Html Pages

1 2 3 4 5 6 7