| データシートサーチシステム |
|
MP03633 データシート(PDF) 1 Page - Golledge Electronics Ltd |
|
|
|||||||||||||||||||||||||||||
MP03633 データシート(HTML) 1 Page - Golledge Electronics Ltd |
|
1 / 6 page ![]() Tel: +44 1460 256 100 Fax: +44 1460 256 101 www.golledge.com Golledge Electronics Ltd Eaglewood Park, ILMINSTER Somerset, TA19 9DQ, UK SAW Filter 350.0MHz Model: TB0706A Part No: MP03633 Rev No: 1 TB0706A v1 1 A. MAXIMUM RATING: 1. Operating Temperature: -25°C to +70°C 2. Storage Temperature: -40°C to +85°C 3. Maximum Input Power: 10dBm B. ELECTRICAL CHARACTERISTICS: Ambient Temperature: 25°C Item Unit Min. Typ. Max. Center frequency Fc MHz - 350 - Insertion loss at Fc dB - 14.6 18 Bandwidth at -1.5dB MHz 31.0 35.1 - Bandwidth at -6.0dB MHz - 41.4 43.0 Bandwidth at -25.0dB MHz 48.0 50.0 Amplitude Ripple (Fc ± 15.0MHz) dB - 1.1 1.4 Group Delay Ripple (Fc ± 15.0MHz) nS - 30 100 Absolute Group delay at Fc nS - 320 - Temp Coefficient ppm/°C - -18 - |
同様の部品番号 - MP03633 |
|
同様の説明 - MP03633 |