| データシートサーチシステム |
|
U4256BM-RFS データシート(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
U4256BM-RFS データシート(HTML) 4 Page - ATMEL Corporation |
|
4 / 19 page ![]() 4 U4256BM-R 4562C–AUDR–08/04 Figure 3. Internal Components at PDO Connection FMOSCIN (Pin 19) FMOSCIN is the preamplifier input for the FM oscillator signal. Figure 4. Internal Components at FMOSCIN MX2LO (Pin 15) MX2LO is the buffered output of the crystal oscillator. This signal can be used as a refer- ence frequency for U4255BM or T4258. The oscillator buffer output can be switched by the OSCB Bit as following (Bit 69) Figure 5. Internal Components at MX2LO PD V S V S V S PDO FMOSCIN V 5 MX2LO AC Voltage B69 ON 0 OFF 1 V5 V5 OSCIN MX2LO |