データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9739BBCRL データシート(PDF) 39 Page - Analog Devices

部品番号 AD9739BBCRL
部品情報  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCRL データシート(HTML) 39 Page - Analog Devices

Back Button AD9739BBCRL Datasheet HTML 35Page - Analog Devices AD9739BBCRL Datasheet HTML 36Page - Analog Devices AD9739BBCRL Datasheet HTML 37Page - Analog Devices AD9739BBCRL Datasheet HTML 38Page - Analog Devices AD9739BBCRL Datasheet HTML 39Page - Analog Devices AD9739BBCRL Datasheet HTML 40Page - Analog Devices AD9739BBCRL Datasheet HTML 41Page - Analog Devices AD9739BBCRL Datasheet HTML 42Page - Analog Devices AD9739BBCRL Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Data Sheet
AD9739
Rev. E | Page 39 of 50
are available in Register 0x21 indicating lock, lost-lock, and
tracking: SYNC_LCK, SYNC_LST and SYNC_TRK_ON.
The sync controller of the slave is enabled by writing 0x50 to
Register 0x10. Once enabled, the state machine compares the
reference SYNC_IN signal to the 0°/90° phase outputs of the
divide-by-4 phase settings. If the SYNC_IN signal does not fall
between these phases, the state machine of the slave rotates
the divide-by-4 phase setting until it does. To validate that phase
alignment has been achieved, the SYNC_IN_PH90 and
SYNC_IN_PH0 status bits should read 1 and 0, respectively (that
is, Register 0x0D, Bits[5:4]). Note that the DCO and
SYNC_OUT outputs of the slave can be disabled via
Register 0x01, Bit 5.
Synchronization Limitations
Ensuring consistent synchronization over production lots in
systems containing two or more AD9739 devices becomes
increasingly more challenging at the higher update rates because
the timing offset between adjacent phases of the divide-by-4 output
clock is equal to 1/f
DAC . For example, a DAC update of 2 GSPS
corresponds to a 500 ps period. If the SYNC_IN signal of an
ideal master device is positioned in the center of its divide-by-4 0
o
and 90
o phase outputs, only ±250 ps of timing margin exists for
the slave devices. This ideal margin is actually reduced by
quadrature phase errors in the divide-by-4 circuit of the master
as well as its ability to position the SYNC_IN exactly in the
center of the 0° and 90° output phases.
The timing margin is further eroded by the following sources:
•
Master-to-slave device(s) mismatch in the propagation delays
in the mu delay clock path and SYNC_IN. Note that these
mismatches can be up to 100 ps between devices that are at
opposite extremes of the process corners.
•
Quadrature phase errors in the divide-by-4 outputs of the
slave.
These sources of timing skews become more significant as the
DACCLK period is decreased (that is, clock rate is increased),
leaving less margin for timing skews external to the master-to-
slave device(s). Special consideration to PCB layout and selection of
clock distribution ICs are required to ensure minimum skew
between the distributed DACCLK and SYNC_IN signals. Note
that timing skews can quickly accumulate considering that the
propagation delay on an FR4 PCB is on the order of 170 ps/inch,
and that output-to-output skews on each clock distribution IC
can be as high as 25 ps.
The problem becomes more pronounced in multiboard
synchronization where clock signals (that is, DACCLK,
SYNC_OUT, and DCO) are distributed over a back plane to
multiple PCBs. Data alignment among the various data sources
is required when driven by phase aligned DCO signals that are
a buffered version of the master’s DCO. However, these data
sources (FPGAs) also have process, supply voltage, and
temperature sensitivities (PVTs) that can cause misalignment
among their respective DCI outputs.
Adding to this dilemma is that it also possible for the data
receiver controller of different AD9739 devices to converge on
different delay settings due to PVT variations of the delay line
(even if DCI inputs are exactly aligned). This can result in a
four sample pipeline mismatch between devices if the difference
in absolute delays exceeds a period of 4/f
DAC. Recall that the
controller searches up/down for its first valid edge from its initial
start value (that is, DCI_DEL and SMP_DEL). While the initial
start values between devices should be made the same, different
absolute time delays due to PVT can cause devices to converge
on different edges of DCI above or below this initial start value.
As a result, confirm that DCI_DEL values between multiple
devices are matched sufficiently such that the absolute differences
between the readback DCI_DEL values do not exceed a data
period (that is, 4/f
DAC). If the difference exceeds a data period,
modify the DCI_DEL (and SMP_DEL) setting of the slave device
so that its start point is roughly ½ the difference between the
master and slave readback values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50