| データシートサーチシステム |
|
AD9736BBC データシート(PDF) 68 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9736BBC データシート(HTML) 68 Page - Analog Devices |
|
68 / 72 page ![]() 04862-113 NOTES 1. MATERIAL: FOUR LAYER, FR4 GLASS–EPOXY LAMINATE .062 +/- .007 THICK 1/4 OZ. COPPER CLAD – EXTERNAL LAYERS PLATED TO 1 OUNCE 2 OZ. COPPER CLAD – INTERNAL LAYERS 2. PLATED THRU HOLES AND THE CONDUCTIVE PATTERN ELECTROPLATED WITH .001 INCH MIN. THICK COPPER. TERMINAL AREAS AND EXPOSED PLATED THRU HOLES TO BE COATED WITH SOLDER AND HOT AIR LEVELED. 3. PROCESSING TOLERANCES: A. CONDUCTIVE PATTERN FRON TO BACK REGISTRATION +/– .002 INCH TOTAL B. MINIMUM ANNULAR RING SURROUNDING HOLES .002 INCH. C. FINISHED CONDUCTIVE PATTERN +/– .0005 INCH OF APERTURE SIZE. 4. WARP AND TWIST +/– .005 INCH PER INCH. 5. DIMENTIONS: ARE FOR THE FINISHED PART 6. SOLDER MASK: LIQUID PHOTO IMAGABLE SOLDER MASK COLOR GREEN, BOTH SIDES USING THE PATTERN(S) PROVIDED. NO MASK IS PERMITTED ON THE EXPOSED AREAS. SOLDER MASK TO ETCH REGISTRATION +/– .002 INCH TOTAL 7. SCREENING: SCREEN COMPONENT OUTLINES AND NOMENCLATURE USING OPAQUE WHITE INK ON THE PRIMARY AND SECONDARY SIDES (AS REQUIRED). NOMENCLATURE SHALL BE LEGIBLE. SCREEN TO ETCH REGISTRATION +/– .005 INCH TOTAL. 8. SURFACES: PUNCHED OR MACHINED SURFACES 125 MICRO INCHES RMS MAX. 9. BREAK ALL SHARP EDGES .015 R MAX. 10. FABRICATION VENDOR TO ADD UL VENDOR ID NUMBER IN THIS AREA ON THE SECONDARY SIDE 11. DO NOT DRILL. FOR GOLD PLATED SOCKETED VERSION ONLY. |