| データシートサーチシステム |
|
AD9739ABBCZRL データシート(PDF) 63 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9739ABBCZRL データシート(HTML) 63 Page - Analog Devices |
|
63 / 64 page ![]() Data Sheet AD9737A/AD9739A Rev. D | Page 63 of 64 OUTLINE DIMENSIONS 12.10 12.00 SQ 11.90 0.43 MAX 0.25 MIN 1.00 MAX 0.85 MIN A B C D E F G H J K L M N P 14 13 12 11 10 8 7 6 3 2 1 9 5 4 1.40 MAX 0.55 0.50 0.45 10.40 BSC SQ COMPLIANT WITH JEDEC STANDARDS MO-275-GGAA-1. COPLANARITY 0.12 BALL DIAMETER 0.80 BSC DETAIL A A1 BALL CORNER A1 BALL CORNER DETAIL A BOTTOM VIEW TOP VIEW SEATING PLANE Figure 189. 160-Ball Chip Scale Package Ball Grid Array [CSP_BGA] (BC-160-1) Dimensions shown in millimeters ORDERING GUIDE Model1 Temperature Range Package Description Package Option AD9737ABBCZ −40°C to +85°C 160-Ball Chip Scale Package Ball Grid Array [CSP_BGA] BC-160-1 AD9737ABBCZRL −40°C to +85°C 160-Ball Chip Scale Package Ball Grid Array [CSP_BGA] BC-160-1 AD9737A-EBZ Evaluation Board for Normal, CMTS, and Mix-Mode Evaluation AD9739ABBCZ −40°C to +85°C 160-Ball Chip Scale Package Ball Grid Array [CSP_BGA] BC-160-1 AD9739ABBCZRL −40°C to +85°C 160-Ball Chip Scale Package Ball Grid Array [CSP_BGA] BC-160-1 AD9739A-EBZ Evaluation Board for Normal, CMTS, and Mix-Mode Evaluation AD9739A-FMC-EBZ Evaluation Board with FMC Connector for Xilinx Based FPGA Development Platforms 1 Z = RoHS Compliant Part. |