| データシートサーチシステム |
|
UB242BL-AG6-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB242BL-AG6-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 13 page ![]() UB242 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 13 www.unisonic.com.tw QW-R502-307.e MARKING P42X 1 23 4 5 6 Voltage Code: A, B, C, D, E, F, H L: Lead Free G: Halogen Free P42G 1 23 4 5 6 Voltage Code L: Lead Free P: Halogen Free PIN CONFIGURATION PIN DESCRIPTION SERIAL CODE LIST Model Code Overcharge Detection Voltage [VOCU](V) Overcharge Release Voltage [VOCR](V) Over discharge Detection Voltage [VODL](V) Over discharge Release Voltage [VODR](V) Over Current Detection Voltage [VOI1](mV) A 4.325±0.050 4.075±0.050 2.50±0.10 2.90±0.10 100±30 B 4.350±0.050 4.150±0.050 2.30±0.10 3.00±0.10 100±30 C 4.325±0.050 4.075±0.050 2.50±0.10 2.90±0.10 150±30 D 4.300±0.050 4.080±0.050 2.50±0.10 2.90±0.10 150±30 E 4.300±0.050 4.080±0.050 2.50±0.10 2.90±0.10 100±30 F 4.275±0.050 4.175±0.050 2.30±0.08 2.45±0.08 100±30 G 4.280±0.050 4.175±0.050 2.90±0.10 3.00±0.10 150±30 UB242 H 4.250±0.050 4.055±0.050 2.25±0.10 2.85±0.10 150±30 PIN NO PIN NAME DESCRIPTION 1 OD For discharge control: FET gate connection pin 2 CSI For current sense Input pin, and charge detect 3 OC For charge control :FET gate connection pin 4 DS For reduce delay time: test pin 5 VDD Positive power input 6 VSS Negative power input |