| データシートサーチシステム |
|
UB2012CG-S08-R データシート(PDF) 16 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB2012CG-S08-R データシート(HTML) 16 Page - Unisonic Technologies |
|
16 / 17 page ![]() UB2012 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 16 of 17 www.unisonic.com.tw QW-R121-018 .G APPLICATION INFORMATION(Cont.) Automatic charge-rate compensation setup requires the following information: * Total impedance of battery pack (Z(PACK)) * Maximum charging current (I(REG)) The voltage drop across the internal impedance of battery pack, V(Z), can then be calculated using the following equation: ) REG ( ) PACK ( ) Z ( I × Z = V (13) The required compensation is then calculated using the following equations: ) COMP ( ) Z ( ) COMP ( G V = V (14) ) V × G ( + V = V ) COMP ( ) COMP ( ) REG ( O ) PACK ( Where V(COMP) is the voltage on COMP pin. This voltage is referenced to VCC in current sensing configuration. V(PACK) is the voltage across the battery pack. The values of R(COMP1) and R(COMP2) can be calculated using the following equation: 2 COMP 1 COMP 2 COMP ) SNS ( ) COMP ( R + R R = V V (15) UTC UB2012 SNS BAT VCC TS STAT VSS CC COMP DC+ DC- RSNS RCOMP2 RCOMP1 BAT+ Fig. 11 Automatic Charge-Rate Compensation Circuits |