データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EAIRMBA1 データシート(PDF) 4 Page - Everlight Electronics Co., Ltd

部品番号 EAIRMBA1
部品情報  Infrared Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAIRMBA1 データシート(HTML) 4 Page - Everlight Electronics Co., Ltd

  EAIRMBA1 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAIRMBA1 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAIRMBA1 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAIRMBA1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAIRMBA1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAIRMBA1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAIRMBA1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAIRMBA1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DATASHEET
Infrared Receiver Module
EAIRMBA1 & EAIRMBA3
4
Copyright © 2010, Everlight Americas Inc. Release Date : May 21, 2013. Issue No: 1 Rev 1.
www.everlightamericas.com
Test method
The specified electro-optical characteristics are valid under the following conditions.
1. Measurement environment
A place without extreme light reflections.
2. External light
The environment contains an ordinary, white fluorescent lamp without high frequency modulation. The color
temperature is 2856K and the illumination at the IR receiver is less than 10 Lux (Ev≦10Lux).
3. Standard transmitter
The test transmitter is calibrated by using the circuit shown in figure 2. The radiation intensity of the transmitter is
adjusted until Vo=400mVp-p. Both, the test transmitter and the photo diode, have a peak wavelength of 940nm.
The photo diode for calibration is PD438B (
λp=940nm, Vr=5V).
4. The measurement system is shown in Fig.-3
Fig.-1 Transmitter Wave Form
D.U.T output Pulse
Fig.-2 standard transmitter calibration
Fig.-2 standard transmitter calibration
Fig.-3
Measuring System



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com