データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDD160G データシート(PDF) 29 Page - Advanced Micro Devices

部品番号 AM29BDD160G
部品情報  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G データシート(HTML) 29 Page - Advanced Micro Devices

Back Button AM29BDD160G Datasheet HTML 25Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 26Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 27Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 28Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 29Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 30Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 31Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 32Page - Advanced Micro Devices AM29BDD160G Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
Am29BDD160G
27
Notes:
1. SecSi Sector overlays this sector when enabled.
2. The bank address is determined by A18 and A17. BA = 00 for Bank 1 and BA = 01, 10, or 11 for Bank 2.
3. This sector has the additional WP# pin sector protection feature.
SA11
20000h-27FFFh
10000h-13FFFh
32
SA12
SG9
28000h-2FFFFh
14000h-17FFFh
32
SA13
30000h-37FFFh
18000h-1BFFFh
32
SA14
38000h-3FFFFh
1C000h-1FFFFh
32
SA15
40000h-47FFFh
20000h-23FFFh
32
SA16
SG10
48000h-4FFFFh
24000h-27FFFh
32
SA17
50000h-57FFFh
28000h-2BFFFh
32
SA18
58000h-5FFFFh
2C000h-2FFFFh
32
SA19
60000h-67FFFh
30000h-33FFFh
32
SA20
SG11
68000h-6FFFFh
34000h-37FFFh
32
SA21
70000h-77FFFh
38000h-3BFFFh
32
SA22
78000h-7FFFFh
3C000h-3FFFFh
32
SA23
80000h-87FFFh
40000h-43FFFh
32
SA24
SG12
88000h-8FFFFh
44000h-47FFFh
32
SA25
90000h-97FFFh
48000h-4BFFFh
32
SA26
98000h-9FFFFh
4C000h-4FFFFh
32
SA27
A0000h-A7FFFh
50000h-53FFFh
32
SA28
SG13
A8000h-AFFFFh
54000h-57FFFh
32
Bank 2
(Note 2)
SA29
B0000h-B7FFFh
58000h-5BFFFh
32
SA30
B8000h-BFFFFh
5C000h-5FFFFh
32
SA31
SG14
C0000h-C7FFFh
60000h-63FFFh
32
SA32
C8000h-CFFFFh
64000h-67FFFh
32
SA33
D0000h-D7FFFh
68000h-6BFFFh
32
SA34
D8000h-DFFFFh
6C000h-6FFFFh
32
SA35
SG15
E0000h-E7FFFh
70000h-73FFFh
32
SA36
E8000h-EFFFFh
74000h-77FFFh
32
SA37
F0000h-F7FFFh
78000h-7BFFFh
32
SA38
SG16
F8000h-F8FFFh
7C000h-7C7FFh
4
SA39
SG17
F9000h-F9FFFh
7C800h-7CFFFh
4
SA40
SG18
FA000h-FAFFFh
7D000h-7D7FFh
4
SA41
SG19
FB000h-FBFFFh
7D800h-7DFFFh
4
SA42
SG20
FC000h-FCFFFh
7E000h-7E7FFh
4
SA43
SG21
FD000h-FDFFFh
7E800h-7EFFFh
4
SA44 (Note 3)
SG22
FE000h-FEFFFh
7F000h-7F7FFh
4
SA45 (Note 3)
SG23
FF000h-FFFFFh
7F800h-7FFFFh
4
Table 12. Sector Addressees for Top Boot Sector Devices (Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80