| データシートサーチシステム |
|
74LVTH574MTC データシート(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74LVTH574MTC データシート(HTML) 3 Page - ON Semiconductor |
|
3 / 13 page ![]() ©1999 Fairchild Semiconductor Corporation www.fairchildsemi.com 74LVT574, 74LVTH574 Rev. 1.6.0 2 Connection Diagram Pin Description Functional Description The LVT574 and LVTH574 consist of eight edge- triggered flip-flops with individual D-type inputs and 3-STATE true outputs. The buffered clock and buffered Output Enable are common to all flip-flops. The eight flip-flops will store the state of their individual D-type inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CP) transition. With the Out- put Enable (OE) LOW, the contents of the eight flip-flops are available at the outputs. When the OE is HIGH, the outputs go to the high impedance state. Operation of the OE input does not affect the state of the flip-flops. Logic Symbols IEEE/IEC Truth Table H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance = LOW-to-HIGH Transition Oo = Previous Oo before HIGH to LOW of CP Pin Names Description D0–D7 Data Inputs CP Clock Pulse Input OE 3-STATE Output Enable Input O0–O7 3-STATE Outputs Inputs Outputs Dn CP OE On HL H LL L XL L Oo XX H Z |