| データシートサーチシステム |
|
LTC6241CS8 データシート(PDF) 5 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC6241CS8 データシート(HTML) 5 Page - Linear Technology |
|
5 / 24 page ![]() LTC6241/LTC6242 5 62412f (LTC6241/LTC6241HV, LTC6242/LTC6242HV) The ● denotes the specifications which apply over the specified temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 0V, VCM = 1.5V unless otherwise noted. ELECTRICAL CHARACTERISTICS SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOS Input Offset Voltage (Note 5) SO-8 Package 0°C to 70°C –40°C to 85°C ● ● 40 175 275 325 µV µV µV GN Package 0°C to 70°C –40°C to 85°C ● ● 60 200 275 325 µV µV µV DD, DHC Packages 0°C to 70°C –40°C to 85°C ● ● 100 550 650 725 µV µV µV VOS Match Channel-to-Channel (Note 6) SO-8 Package 0°C to 70°C –40°C to 85°C ● ● 40 200 325 400 µV µV µV GN Package 0°C to 70°C –40°C to 85°C ● ● 60 225 325 400 µV µV µV DD, DHC Packages 0°C to 70°C –40°C to 85°C ● ● 150 650 700 750 µV µV µV IB Input Bias Current (Notes 5, 8) ● 1 75 pA pA IOS Input Offset Current (Notes 5, 8) ● 0.5 75 pA pA VCM Input Voltage Range Guaranteed by CMRR ● 0 1.5 V CMRR Common Mode Rejection 0V ≤ VCM ≤ 1.5V ● 78 100 dB CMRR Match Channel-to-Channel (Note 6) ● 76 95 dB AVOL Large Signal Voltage Gain VO = 1V to 2V RL = 10k to VS/2 0°C to 70°C –40°C to 85°C ● ● 140 100 75 600 V/mV V/mV V/mV VOL Output Voltage Swing Low (Note 10) No Load ISINK = 1mA ● ● 3 65 30 110 mV mV VOH Output Voltage Swing High (Note 10) No Load ISOURCE = 1mA ● ● 4 70 30 120 mV mV PSRR Power Supply Rejection VS = 2.8V to 6V, VCM = 0.2V ● 80 104 dB PSRR Match Channel-to-Channel (Note 6) ● 74 100 dB Minimum Supply Voltage (Note 11) ● 2.8 V ISC Short-Circuit Current ● 36 mA IS Supply Current per Amplifier 0°C to 70°C –40°C to 85°C ● ● 1.4 1.7 1.8 1.9 mA mA mA GBW Gain Bandwidth Product Frequency = 20kHz, RL = 1kΩ ● 12 17 MHz |