データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BV12C データシート(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

部品番号 BV12C
部品情報  Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
ホームページ  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV12C データシート(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV12C Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV12C Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV12C Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV12C Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
BV12C
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code: BV12C
Version: A1 2016-06-23
Transient Voltage Suppressor
IEC 61000-4-2(ESD)±25KV(air), ±25KV(contact)
150Watts peak pulse power (tp=8
/20μS)
Ultra low capacitance: 1.5pF maximum
Low clamping voltage
Moisture sensitivity level:Level 1
Weight 5.0 mg
Small package: SOD323
xDSL
Part
Number
IDRM@VDRM
VBR @IR
Vc@Ipp
Vc@Ipp
CO
μA
V
V
mA
V
A
V
A
pF
MAX
MIN
MAX
MAX
MAX
BV12C
1
12
13.3
1
19
1
28.6
6
1.5
Absolute maximum ratings measured at T= 25°C RH = 45%-75% (unless otherwise noted).
VBR is measured at IR=1mA
SurgeWaveform:8/20μS.
Off-state capacitance is measured in VDC=0V,VRMS=1V,f=1MHz
Part Number and Electrical Parameter
BV
12
C
(1)
(2)
(3)
Part Numbering System
Mark
B42LC
DC: Part Number
Application information
Features
Exterior
0909
Agency Approvals
Icon
Description
Compliance with 2011/65/EU
Compliance with IEC61249-2-21:2003
Mean lead free
B006U2
G
1
2
(1) Bencent Transient Voltage Suppressor
(2) Series: 12 etc.
(3)Bidirectional TVS
SOD323
DC


同様の部品番号 - BV12C

メーカー部品番号データシート部品情報
logo
Shenzhen Bencent Electr...
BV12C BENCENT-BV12C Datasheet
305Kb / 4P
Transient Voltage Suppressor
More results

同様の説明 - BV12C

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com