データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1680856 データシート(PDF) 1 Page - PHOENIX CONTACT

部品番号 1680856
部品情報  Sensor/actuator box - SACB-4Q/4P-L-SC NPN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1680856 データシート(HTML) 1 Page - PHOENIX CONTACT

  1680856 Datasheet HTML 1Page - PHOENIX CONTACT 1680856 Datasheet HTML 2Page - PHOENIX CONTACT 1680856 Datasheet HTML 3Page - PHOENIX CONTACT 1680856 Datasheet HTML 4Page - PHOENIX CONTACT 1680856 Datasheet HTML 5Page - PHOENIX CONTACT 1680856 Datasheet HTML 6Page - PHOENIX CONTACT 1680856 Datasheet HTML 7Page - PHOENIX CONTACT 1680856 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/products/1680856
12/2/13   Page 1 / 8
Sensor/actuator box - SACB-4Q/4P-L-SC NPN - 1680856
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Sensor/actuator box, Connection method: QUICKON, 0.34 mm² ... 0.75 mm², Number of slots: 4, Number of
positions: 4, Slot assignment: Single, Status indication: Yes, npn; Master cable connection: Spring-cage conn.
180°, Shielding: No
The illustration shows a version with
8 QUICKON connections and LED
Product Features
 Safety in the field, thanks to molded housing and high degree of protection
 Flexible, distributed bundling of signals in one master cable
 Convenient: increased machine availability thanks to quick and easy diagnostics
 Innovative and time-saving assembly with insulation displacement connection
 Flexible: distributor box with connector hood for on-site assembly
Key commercial data
Packing unit
1 PCE
Weight per Piece (excluding packing)
195.7 GRM
Custom tariff number
85366990
Country of origin
Poland
Technical data
General
Rated voltage
24 V DC
Max. operating voltage Umax
30 V DC
Current carrying capacity per I/O signal
4 A
Current carrying capacity per slot
4 A
Total rated current
12 A
Number of positions
4
Number of slots
4
Inflammability class according to UL 94
V0


同様の部品番号 - 1680856

メーカー部品番号データシート部品情報
logo
Vicor Corporation
16808 VICOR-16808 Datasheet
107Kb / 1P
PCB LAYOUT DRAWING FOR MINI SIZE MODULE
logo
PHOENIX CONTACT
1680869 PHOENIX-1680869 Datasheet
110Kb / 8P
Sensor/actuator box - SACB-6Q/4P-L-SC NPN
1680872 PHOENIX-1680872 Datasheet
71Kb / 5P
Sensor/actuator box - SACB-8Q/4P-L-SC NPN
1680885 PHOENIX-1680885 Datasheet
153Kb / 5P
SACB-4/ 8- 5,0PUR
1680898 PHOENIX-1680898 Datasheet
153Kb / 5P
SACB-4/ 8-10,0PUR
More results

同様の説明 - 1680856

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1662939 PHOENIX-1662939 Datasheet
165Kb / 6P
SACB-4Q/4P-L-SC
1680733 PHOENIX-1680733 Datasheet
124Kb / 8P
Sensor/actuator box - SACB-4/ 4-L-SC NPN
1680775 PHOENIX-1680775 Datasheet
112Kb / 8P
Sensor/actuator box - SACB-6/ 12-L-SC NPN
1680788 PHOENIX-1680788 Datasheet
111Kb / 8P
Sensor/actuator box - SACB-8/ 16-L-SC NPN
1680869 PHOENIX-1680869 Datasheet
110Kb / 8P
Sensor/actuator box - SACB-6Q/4P-L-SC NPN
1680872 PHOENIX-1680872 Datasheet
71Kb / 5P
Sensor/actuator box - SACB-8Q/4P-L-SC NPN
1683662 PHOENIX-1683662 Datasheet
101Kb / 5P
Sensor/actuator box - SACB-4Q/4P- 5,0PUR
1683675 PHOENIX-1683675 Datasheet
132Kb / 8P
Sensor/actuator box - SACB-4Q/4P-10,0PUR
1695223 PHOENIX-1695223 Datasheet
112Kb / 5P
Sensor/actuator box - SACB-4Q/4P-L- 5,0PUR
1695236 PHOENIX-1695236 Datasheet
136Kb / 8P
Sensor/actuator box - SACB-4Q/4P-L-10,0PUR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com