データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5767 データシート(PDF) 39 Page - Analog Devices

部品番号 AD5767
部品情報  16-Channel, 16-Bit/12-Bit Voltage Output denseDACs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5767 データシート(HTML) 39 Page - Analog Devices

Back Button AD5767 Datasheet HTML 35Page - Analog Devices AD5767 Datasheet HTML 36Page - Analog Devices AD5767 Datasheet HTML 37Page - Analog Devices AD5767 Datasheet HTML 38Page - Analog Devices AD5767 Datasheet HTML 39Page - Analog Devices AD5767 Datasheet HTML 40Page - Analog Devices AD5767 Datasheet HTML 41Page - Analog Devices AD5767 Datasheet HTML 42Page - Analog Devices AD5767 Datasheet HTML 43Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Data Sheet
AD5766/AD5767
Rev. C | Page 39 of 43
INVERT DITHER REGISTER
This command inverts the dither applied to the selected DACs when the appropriate bit is set to 0.
Table 40. Invert Dither Register
D23
D22
D21
D20
D19 to D16
D15 to D0
1
0
1
1
Don’t care
Dx (invert dither bit for each channel)
Table 41. Invert Dither
Dx
Dither Mode
0
Dither signal is not inverted (default)
1
Dither signal is inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43