| データシートサーチシステム |
|
M8888-R1 データシート(PDF) 12 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
M8888-R1 データシート(HTML) 12 Page - Clare, Inc. |
|
12 / 14 page ![]() www.clare.com 12 M-8888 Rev. 1 Explanation of Events (A) Tone bursts detected, tone duration invalid, RX Data Register not updated. (B) Tone #n detected, tone duration valid, tone decoded and latched in RX Data Register. (C) End of tone #n detected, tone absent duration valid, RX Data Register remain latched until next valid tone. (D) Tone #n + 1 detected, tone duration valid, tone decoded and latched in RX Data Register. (E) Acceptable dropout of tone #n + 1, tone absent duration invalid, RX Data Register remain latched. (F) End of tone #n + 1 detected, tone absent duration valid, RX Data Register remain latched until next valid tone. Explanation of Symbols V IN DTMF composite input signal. ESt Early steering output. Indicates detection of valid tone frequencies. St/GT Steering input/guard time output. Drives external RC timing circuit. RX 0-RX3 4-bit decoded data in receive data register. b3 Delayed steering output. Indicates that valid frequencies have been present/absent for the required guard time, thus constituting a valid DTMF signal. b2 Output enable (input). A low level shifts Q1 - Q4 to its high impedance state. IRQ /CP Interrupt is active indicating that new data is in the RX data register. The interrupt is cleared after the status register is ready. t REC Maximum DTMF signal duration not detected as valid. t REC Minimum DTMF signal duration required for valid recognition. t ID Minimum time between valid DTMF signals. t DO Maximum allowable dropout during valid DTMF signal. t DP Time to detect the presence of valid DTMF signals. t DA Time to detect the absence of valid DTMF signals. t GTP Guard time, tone present. t GTA Guard time, tone absent. |