データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMC5161 データシート(PDF) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

部品番号 TMC5161
部品情報  Compact, low power-dissipation Driver & Controller for two-phase stepper motors.
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
ホームページ  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5161 データシート(HTML) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC5161 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 129 page
background image
TMC5161 DATASHEET (Rev. 1.01 / 2018-NOV-20)
6
www.trinamic.com
VCC_IO
TMC5161
SPI interface
CSN
SCK
SDO
SDI
DIAG / INT out
and
Single wire
interface
5V Voltage
regulator
charge pump
DIAG0
CLK_IN
DIAG1
+VM
5VOUT
VSA
2.2µ
+VIO
VCC
opt. ext. clock
12-16MHz
3.3V or 5V
I/O voltage
100n
100n
2R2
470n
dcStep control
opt. driver enable
B.Dwersteg, ©
TRINAMIC 2014
11.5V Voltage
regulator
12VOUT
2.2µ
mode selection
+VIO
pd
pd
pd
+VIO
Stepper driver
Protection
& diagnostics
spreadCycle &
stealthChop
Chopper
programmable
sine table
4*256 entry
stallGuard2
coolStep
x
Control register
set
dcStep
B.Dwersteg, ©
TRINAMIC 2014
step multiplier
microPlyer
Standstill
current
reduction
22n
100V
100n
16V
47R
47R
LS
LS
stepper
motor
N
S
CE
HS
HS
LS
LS
RS
HS
HS
CB
CB
+VM
470n
SRBH
SRBL
OB2
OB1
CB1
CB2
RSB
47R
RS
CB
CB
SRAH
SRAL
OA2
OA1
CA1
CA2
RSA
47R
Figure 1.2 TMC5161 STEP/DIR application diagram
TMC5161
5V Voltage
regulator
charge pump
+VM
5VOUT
VSA
2.2µ
VCC
100n
2R2
470n
dcStep control
opt. driver enable
B.Dwersteg, ©
TRINAMIC 2014
11.5V Voltage
regulator
12VOUT
2.2µ
Stepper driver
Protection
& diagnostics
spreadCycle &
stealthChop
Chopper
programmable
sine table
4*256 entry
x
Control register
set (default
values)
B.Dwersteg, ©
TRINAMIC 2014
step multiplier
microPlyer
Standstill
current
reduction
VCC_IO
CLK_IN
+VIO
opt. ext. clock
12-16MHz
3.3V or 5V
I/O voltage
100n
Standalone mode
mode selection
pd
+VIO
Status out
(open drain)
Configuration
interface
(GND or VCC_IO
level)
CFG0
CFG1
CFG3
CFG2
DIAG0
DIAG1
Microstep Resolution
8 / 16 / 32 / 64
Index pulse
Driver error
CFG4
CFG5
CFG6
B.Dwersteg, ©
TRINAMIC 2014
Run Current Setting
16 / 18 / 20 / 22 /
24 / 26 / 28 / 31
spreadCycle (GND) /
stealthChop (VCC_IO)
Current Reduction
Enable (VCC_IO)
pd
pd
OTP
22n
100V
100n
16V
47R
47R
LS
LS
stepper
motor
N
S
CE
HS
HS
LS
LS
RS
HS
HS
CB
CB
+VM
470n
SRBH
SRBL
OB2
OB1
CB1
CB2
RSB
47R
RS
CB
CB
SRAH
SRAL
OA2
OA1
CA1
CA2
RSA
47R
Figure 1.3 TMC5161 standalone driver application diagram
1.1 Key Concepts
The TMC5161 implements advanced features which are exclusive to TRINAMIC products. These features
contribute toward greater precision, greater energy efficiency, higher reliability, smoother motion, and
cooler operation in many stepper motor applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com