データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

58-9296 データシート(PDF) 1 Page - AVX Corporation

部品番号 58-9296
部品情報  Single Vertical Top Entry 18 AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

58-9296 データシート(HTML) 1 Page - AVX Corporation

  58-9296 Datasheet HTML 1Page - AVX Corporation 58-9296 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONNECT
INTER
100
103016
Vertical poke-home connectors were introduced into the market a few years
ago to provide a reliable, yet cost effective discrete wire-to-board termination in
perpendicular applications. Designed to bridge the gap between inconsistent
hand soldering of wires and costly 2-piece connector systems, these
connectors are available in a range of positions and configurations while
accepting 18 to 26AWG solid or stranded wires.
This latest connector was developed specifically to support the high volume
18AWG wire applications used in power supply, LED driver and industrial
control products where PCB space is limited. This new 9296 connector offers
a robust single beam contact which securely captures and retains the wire in a
23% smaller package size.
589296001000014
HOW TO ORDER
Single Vertical Top Entry
18 AWG
58-9296
ELECTRICAL
• Current Rating: 8 Amps
• Voltage Rating: 600 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +130ºC
MECHANICAL
• Insulator Material: Glass-Filled Nylon 46,
UL94V0
• Contact Material: Phosphor Bronze
• Plating: Lead-Free Tin Over Nickel
• Durability: 3 Cycles
FEATURES AND BENEFITS
• Pre-Plated phosphor bronze contact material provides excellent
spring performance with high fatigue and corrosion resistance
• The single stamped and formed box contact maximizes board
attachment and wire capture strength
• Tight tolerance and wire insulation stop helps to prevent potting
from flowing into the connector during encapsulation processes
• Integral molded in flange provides a generous vacuum pick-up
point for automated SMT placement
APPLICATIONS
• Replace inconsistent hand soldered perpendicular
wire terminations onto PCB’s in:
– Power Supplies
– LED Drivers
– Industrial/Motor Controls
• Offer a simple and cost reduced solution to
existing 2-Piece connector systems


同様の部品番号 - 58-9296

メーカー部品番号データシート部品情報
logo
OEN India Limited
58-9-1AE OENINDIA-58-9-1AE Datasheet
78Kb / 1P
MINIATURE POWER RELAY
58-9-1AKE OENINDIA-58-9-1AKE Datasheet
78Kb / 1P
MINIATURE POWER RELAY
58-9-1AKNIL OENINDIA-58-9-1AKNIL Datasheet
78Kb / 1P
MINIATURE POWER RELAY
58-9-1ANIL OENINDIA-58-9-1ANIL Datasheet
78Kb / 1P
MINIATURE POWER RELAY
58-9-1CE OENINDIA-58-9-1CE Datasheet
78Kb / 1P
MINIATURE POWER RELAY
More results

同様の説明 - 58-9296

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0192020063 MOLEX4-0192020063 Datasheet
89Kb / 3P
Funnel Entry Butt Splice for 18-22 AWG Wire
logo
Wurth Elektronik GmbH &...
634104149621 WURTH-634104149621 Datasheet
497Kb / 3P
VERTICAL PLASTIC MODULAR JACK SMT 4P4C TOP ENTRY
634106149621 WURTH-634106149621 Datasheet
501Kb / 3P
VERTICAL PLASTIC MODULAR JACK SMT 6P6C TOP ENTRY
634108149621 WURTH-634108149621 Datasheet
448Kb / 3P
VERTICAL PLASTIC MODULAR JACK SMT 8P8C TOP ENTRY
logo
Pulse A Technitrol Comp...
E5266-001-01-L PULSE-E5266-001-01-L Datasheet
146Kb / 1P
TOP ENTRY SMD
E5288-006-02-L PULSE-E5288-006-02-L Datasheet
157Kb / 1P
TOP ENTRY SMD
logo
Molex Electronics Ltd.
0791098412 MOLEX1-0791098412_17 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry
logo
Kycon, Inc.
KUSBVX KYCON-KUSBVX Datasheet
380Kb / 1P
Vertical Top Entry USB
KUSBVX-AS2N KYCON-KUSBVX-AS2N Datasheet
486Kb / 1P
Vertical Top Entry USB
logo
Pulse A Technitrol Comp...
JXD3-0Z02NL PULSE-JXD3-0Z02NL Datasheet
437Kb / 3P
Industrial 1Gigabit Top Entry single port
07/22
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com