| データシートサーチシステム |
|
8437 データシート(PDF) 13 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
8437 データシート(HTML) 13 Page - PHOENIX CONTACT |
|
13 / 17 page ![]() AXL E PB DIO16 M12 6P 8437_en_03 PHOENIX CONTACT 13 10.2 Input and output indicators Figure 10 Input and output indicators DIO1 ... DIO 16 Designation Color Meaning State Description 00 ... 07, 10 ... 17 Yellow Status of the inputs and out- puts when used as an input ON Input is set. OFF Input is not set. 00 ... 07, 10 ... 17 Yellow/red Status of the inputs and out- puts when used as an output Yellow ON Output is set. Red ON Output is short circuited or overloaded. OFF Output is not set. The numbering of the LEDs is as follows: the first number specifies the byte, the second number specifies the bit. |