| データシートサーチシステム |
|
8448 データシート(PDF) 12 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
8448 データシート(HTML) 12 Page - PHOENIX CONTACT |
|
12 / 19 page ![]() AXL E PN DIO16 M12 6P 8448_en_04 PHOENIX CONTACT 12 9.2 Input and output indicators Figure 9 Input and output indicators DIO1 ... DIO 16 Designation Color Meaning State Description 00 ... 07, 10 ... 17 Yellow Status of the inputs and outputs when used as an input ON Input is set. OFF Input is not set. 00 ... 07, 10 ... 17 Yellow/red Status of the inputs and outputs when used as an output Yellow ON Output is set. Red ON Output is short circuited or overloaded. OFF Output is not set. The numbering of the LEDs is as follows: the first number specifies the byte, the second number specifies the bit. |