| データシートサーチシステム |
|
2N7002F データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
2N7002F データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 11 page ![]() Philips Semiconductors 2N7002F TrenchMOS™ Logic Level FET Product data Rev. 01 — 11 February 2002 4 of 11 9397 750 09096 © Koninklijke Philips Electronics N.V. 2002. All rights reserved. 7. Thermal characteristics 7.1 Transient thermal impedance Table 4: Thermal characteristics Symbol Parameter Conditions Min Typ Max Unit Rth(j-sp) thermal resistance from junction to solder point mounted on a metal clad board; Figure 4 - - 150 K/W Rth(j-a) thermal resistance from junction to ambient mounted on a printed circuit board; minimum footprint - - 350 K/W Mounted on metal clad substrate. Fig 4. Transient thermal impedance from junction to solder point as a function of pulse duration. 03ai09 10-1 1 10 102 103 10-5 10-4 10-3 10-2 10-1 1 10 tp (s) Zth(j-sp) K/W single pulse 0.2 0.1 0.05 0.02 δ = 0.5 tp tp T P t T δ = |