| データシートサーチシステム |
|
MSC7128 データシート(PDF) 13 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSC7128 データシート(HTML) 13 Page - OKI electronic componets |
|
13 / 27 page ![]() ¡ Semiconductor MSC7128-xx 13/27 Command Description • Address set command When the code of a display character is to be set, this command is used to specify the display location (digit number) of the character. The relation between the digit number X and common outputs COM1 to COM16 is as follows: • Character code set command This command is used to specify the character to be displayed in the digit place specified by the Address Set command. Bits 0 to 6 of the second byte are used to specify the character code, and bit 7 is used to specify "Yes" or "No" of cursor display. Command format 1st byte 1 0 0 XXXX CH3 CH2 CH1 CH0 CU CH6 CH5 CH4 7-bit character code Select one of 128 codes 0: Without cursor (SEG36 OFF) 1: With cursorout (SEG36 ON) LSB 2nd byte 1 X COM Input 0 COM1 1 COM2 15 COM16 1 0 0 0 XXXX X3 X2 X1 X0 XXXX Digit number ¥ (0 to 15) LSB LSB 1st byte 2nd byte Command format |