| データシートサーチシステム |
|
MSC7166 データシート(PDF) 4 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSC7166 データシート(HTML) 4 Page - OKI electronic componets |
|
4 / 8 page ![]() 4/8 ¡ Semiconductor MSC7166 PIN CONFIGURATION (TOP VIEW) 24 23 22 21 20 19 18 17 16 15 14 13 VSS SEL 0 SEL 1 SEL 2 SEL 3 DUTY VDD VDISP(+) GRID 13 GRID 14 GRID 15 GRID 16 1 2 3 4 5 6 7 8 9 10 11 12 GRID 1 GRID 2 GRID 3 GRID 4 GRID 5 GRID 6 GRID 7 GRID 8 GRID 9 GRID10 GRID11 GRID12 24-pin Plastic SOP PIN DESCRIPTIONS Symbol Type Description SEL0-3 DUTY GRID1-16 I Duty control signal input pin. Setting this pin to "L" makes all driver outputs go "L", so this pin can be used for brightness control. 4- to 16-line decoder input pins. The input 4-bit binary signals are converted into hexadecimal signals, then output through driver output pins. I O High withstand voltage driver output pins for driving fluorescent display tube. These pins can directly be connected to the grid of fluorescent display tude without pull-down resistor. VDISP(+) Power supply pin for the fluorescent display tube driver circuit. Logic power supply pin. VDD VSS Ground pin. — — — |