| データシートサーチシステム |
|
MC1458G-S08-R データシート(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MC1458G-S08-R データシート(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNI SONI C TECHNOLOGI ES CO., LTD MC1458 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 4 Copyright © 2017 Unisonic Technologies Co., Ltd QW-R105-008.E DU AL OPERAT I ON AL AM PLI FI ER DESCRI PT I ON The UTC MC1458 is a high performance dual operational amplifier. It is designed for a wide range of analog applications. The high gain and wide range of operating voltages provide superior performance in summing amplifier, voltage follower, integrator, active filter, function generator and general feed back applications. FEAT U RES * Low power consumption * Wide input voltage range * No latch-up * High gain * Short-circuit protection * Frequency compensation is unnecessary DIP-8 SOP-8 ■ ORDERI N G I N FORM AT I ON Ordering Number Lead Free Halogen Free Package Packing MC1458L-D08-T MC1458G-D08-T DIP-8 Tube MC1458L-S08-R MC1458G-S08-R SOP-8 Tape Reel M ARK I N G DIP-8 SOP-8 |
同様の部品番号 - MC1458G-S08-R |
|
同様の説明 - MC1458G-S08-R |