| データシートサーチシステム |
|
HT95L10P データシート(PDF) 40 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT95L10P データシート(HTML) 40 Page - Holtek Semiconductor Inc |
|
40 / 42 page ![]() XOR A,[m] Logical XOR accumulator with data memory Description Data in the accumulator and the indicated data memory perform a bitwise logical Exclu- sive_OR operation and the result is stored in the accumulator. Operation ACC ¬ ACC ²XOR² [m] Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ¾Ö¾ ¾ XORM A,[m] Logical XOR data memory with the accumulator Description Data in the indicated data memory and the accumulator perform a bitwise logical Exclu- sive_OR operation. The result is stored in the data memory. The 0 flag is affected. Operation [m] ¬ ACC ²XOR² [m] Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ¾Ö¾ ¾ XOR A,x Logical XOR immediate data to the accumulator Description Data in the accumulator and the specified data perform a bitwise logical Exclusive_OR op- eration. The result is stored in the accumulator. The 0 flag is affected. Operation ACC ¬ ACC ²XOR² x Affected flag(s) TC2 TC1 TO PD OV Z AC C ¾ ¾ ¾ ¾ ¾Ö¾ ¾ HT95L100/10P Rev. 0.10 40 October 1, 2002 Preliminary |