| データシートサーチシステム |
|
ML9092-01TB データシート(PDF) 34 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML9092-01TB データシート(HTML) 34 Page - OKI electronic componets |
|
34 / 66 page ![]() FEDL9092-01 OKI Semiconductor ML9092-01/02/03/04 34/66 Clock Synchronous Serial Transfer Example (WRITE) CS CP Transfer start Transfer complete DI/O Register bits R/W D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 “1” “1” 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Data Instruction code Clock Synchronous Serial Continuous Data Transfer Example (WRITE: Example of display data RAM write) CS CP Transfer start Transfer complete DI/O 1 2 7 8 9 10 15 16 17 18 23 24 41 42 47 48 Instruction code *1 Data 1 Data 2 Data 5 *1: Be sure to write data in 8 bits. If the CS signal falls when data input operation in 8 bits is not complete, the last 8-bit data write is invalid. (The previously written data is valid.) |