| データシートサーチシステム |
|
COP8-NSDEV データシート(PDF) 73 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8-NSDEV データシート(HTML) 73 Page - National Semiconductor (TI) |
|
73 / 83 page ![]() 22.0 Instruction Set (Continued) 22.6 INSTRUCTION SET SUMMARY ADD A,Meml ADD A ←A + Meml ADC A,Meml ADD with Carry A ←A + Meml+C,C←Carry, HC ←Half Carry SUBC A,Meml Subtract with Carry A ←A − MemI+C,C←Carry, HC ←Half Carry AND A,Meml Logical AND A ←A and Meml ANDSZ A,Imm Logical AND Immed., Skip if Zero Skip next if (A and Imm) = 0 OR A,Meml Logical OR A ←A or Meml XOR A,Meml Logical EXclusive OR A ←A xor Meml IFEQ MD,Imm IF EQual Compare MD and Imm, Do next if MD = Imm IFEQ A,Meml IF EQual Compare A and Meml, Do next if A = Meml IFNE A,Meml IF Not Equal Compare A and Meml, Do next if A ≠ Meml IFGT A,Meml IF Greater Than Compare A and Meml, Do next if A > Meml IFBNE # If B Not Equal Do next if lower 4 bits of B ≠ Imm DRSZ Reg Decrement Reg., Skip if Zero Reg ←Reg − 1, Skip if Reg = 0 SBIT #,Mem Set BIT 1 to bit, Mem (bit=0to7 immediate) RBIT #,Mem Reset BIT 0 to bit, Mem IFBIT #,Mem IF BIT If bit #,A or Mem is true do next instruction RPND Reset PeNDing Flag Reset Software Interrupt Pending Flag X A,Mem EXchange A with Memory A ↔Mem X A,[X] EXchange A with Memory [X] A ↔[X] LD A,Meml LoaD A with Memory A ←Meml LD A,[X] LoaD A with Memory [X] A ←[X] LD B,Imm LoaD B with Immed. B ←Imm LD Mem,Imm LoaD Memory Immed. Mem ←Imm LD Reg,Imm LoaD Register Memory Immed. Reg ←Imm XA, [B±] EXchange A with Memory [B] A ↔[B], (B←B±1) XA, [X±] EXchange A with Memory [X] A ↔[X], (X←X±1) LD A, [B±] LoaD A with Memory [B] A ←[B], (B←B±1) LD A, [X±] LoaD A with Memory [X] A ←[X], (X←X±1) LD [B±],Imm LoaD Memory [B] Immed. [B] ←Imm, (B←B±1) CLR A CLeaR A A ←0 INC A INCrement A A ←A+ 1 DEC A DECrement A A ←A− 1 LAID Load A InDirect from ROM A ←ROM (PU,A) DCOR A Decimal CORrect A A ←BCD correction of A (follows ADC, SUBC) RRC A Rotate A Right thru C C →A7→…→A0→C RLC A Rotate A Left thru C C ←A7←…←A0←C, HC←A0 SWAP A SWAP nibbles of A A7…A4 ↔A3…A0 SC Set C C ←1, HC←1 RC Reset C C ←0, HC←0 IFC IF C IF C is true, do next instruction IFNC IF Not C If C is not true, do next instruction POP A POP the stack into A SP ←SP + 1, A←[SP] PUSH A PUSH A onto the stack [SP] ←A, SP←SP − 1 VIS Vector to Interrupt Service Routine PU ←[VU], PL←[VL] JMPL Addr. Jump absolute Long PC ←ii (ii = 15 bits, 0 to 32k) JMP Addr. Jump absolute PC9…0 ←i (i = 12 bits) JP Disp. Jump relative short PC ←PC+r(ris−31 to +32, except 1) www.national.com 73 |