| データシートサーチシステム |
|
UP9303ASAC データシート(PDF) 8 Page - uPI Group Inc. |
|
|
|||||||||||||||||||||||||||||
UP9303ASAC データシート(HTML) 8 Page - uPI Group Inc. |
|
8 / 18 page ![]() uP9303 8 uP9303-DS-F0101, Aug. 2017 www.upi-semi.com Package Thermal Resistance (Note 3) SOP-14L θ JA ---------------------------------------------------------------------------------------------------------------- 120 OC/W SOP-14L θ JC ------------------------------------------------------------------------------------------------------------------ 32 ΟC/W Power Dissipation, P D @ TA = 25 ° C SOP-14L ----------------------------------------------------------------------------------------------------------------------------- 0.83W (Note 4) Operating Junction Temperature Range --------------------------------------------------------------------- -40°C to +125°C Operating Ambient Temperature Range ---------------------------------------------------------------------------------- -40°C to +85°C Supply Input Voltage, V CC -------------------------------------------------------------------------------------------------- +10.8V to 13.2V Absolute Maximum Rating Thermal Information Recommended Operation Conditions (Note 1) Supply Input Voltage, V CC ---------------------------------------------------------------------------------------- -0.3V to +16V BOOT to PHASE DC ------------------------------------------------------------------------------------------------------------------------ -0.3V to +16V PHASE to GND DC ------------------------------------------------------------------------------------------------------------------------ -0.7V to +16V <200ns --------------------------------------------------------------------------------------------------------------------- -8V to +30V BOOT to GND DC ----------------------------------------------------------------------------------------------------------------- -0.3V to (V CC +16V) <200ns ------------------------------------------------------------------------------------------------------------------- -0.3V to 42V UGATE to PHASE DC --------------------------------------------------------------------------------------------- -0.3V to (BOOT - PHASE + 0.3V) <200ns ----------------------------------------------------------------------------------------- -5V to (BOOT - PHASE + 0.3V) LGATE to GND DC -------------------------------------------------------------------------------------------------------------- -0.3V to (V CC + 0.3V) <200ns ---------------------------------------------------------------------------------------------------------- -5V to (V CC + 0.3V) FB to GND DC ---------------------------------------------------------------------------------------------------------------------- -0.3V to +7V <2ms ------------------------------------------------------------------------------------------------------------------ -0.7V FSET/SYN,OCSET to GND ---------------------------------------------------------------------------------- -0.3V to (V CC + 0.3V) COMP to GND ----------------------------------------------------------------------------------------------------------- -0.3V to +7V EN to GND ------------------------------------------------------------------------------------------------------------------- -0.3V to +16V CLK,SS to GND ------------------------------------------------------------------------------------------------------------------ -0.3V to +6V PGND to GND --------------------------------------------------------------------------------------------------------------- -0.3V to +0.3V Storage Temperature Range ---------------------------------------------------------------------------------------------- -65OC to +150OC Junction Temperature -------------------------------------------------------------------------------------------------------------------- 150OC Lead Temperature (Soldering, 10 sec) ------------------------------------------------------------------------------------------------ 260OC ESD Rating (Note 2) HBM (Human Body Mode) -------------------------------------------------------------------------------------------------------- 2kV MM (Machine Mode) ---------------------------------------------------------------------------------------------------------------- 200V |