| データシートサーチシステム |
|
STPS20H100CG データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS20H100CG データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 8 page ![]() 8/8 STPS20H100CT/CF/CG/CR/CFP Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com PACKAGE MECHANICAL DATA I 2PAK REF. DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.30 4.60 0.169 0.181 A1 2.49 2.69 0.098 0.106 b 0.70 0.93 0.028 0.037 b1 1.20 1.38 0.047 0.054 b2 1.25 1.40 0.049 0.055 C 0.45 0.60 0.018 0.024 C2 1.21 1.36 0.048 0.054 D 8.95 9.35 0.352 0.368 e 2.44 2.64 0.096 0.104 E 10.00 10.28 0.394 0.405 L 13.10 13.60 0.516 0.535 L1 3.48 3.78 0.137 0.149 L2 1.27 1.40 0.050 0.055 Ordering type Marking Package Weight Base qty Delivery mode STPS20H100CT STPS20H100CT TO-220AB 2.20g 50 Tube STPS20H100CF STPS20H100CF ISOWATT220AB 2.08g 50 Tube STPS20H100CFP STPS20H100CFP TO-220FPAB 2.0 g 50 Tube STPS20H100CR STPS20H100CR I 2PAK 1.49g 50 Tube STPS20H100CG STPS20H100CG D 2PAK 1.48g 50 Tube STPS20H100CG-TR STPS20H100CG D 2PAK 1.48g 1000 Tape & reel s Epoxy meets UL94,V0 |